PART |
Description |
Maker |
EL2125CSZ-T7 EL2125 EL2125CW-T7A EL2125CS EL2125CS |
Ultra-Low Noise, Low Power, Wideband Amplifier OP-AMP, 2000 uV OFFSET-MAX, PDSO8 Ultra-Low Noise, Low Power, Wideband Amplifier OP-AMP, 3000 uV OFFSET-MAX, PDSO5
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
7205ERPDC-30 7205ERPDS-30 7205ERPDE-30 7205ERPDP-2 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with '2982 Pinout x9 Asynchronous FIFO 150mA, Low-Dropout Linear Regulator with Power OK Output X9热卖异步FIFO
|
Ohmite Mfg. Co.
|
EL2126CS EL2126CS-T7 EL2126CSZ EL2126 EL2126CW-T7A |
Ultra-Low Noise, Low Power, Wideband Amplifier OP-AMP, 2000 uV OFFSET-MAX, 80 MHz BAND WIDTH, PDSO8 Ultra-Low Noise, Low Power, Wideband Amplifier OP-AMP, 3000 uV OFFSET-MAX, 80 MHz BAND WIDTH, PDSO5
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
ADP3308 ADP3308ART-27 ADP3308ART-285 ADP3308ART-29 |
anyCAP?/a> 50 mA Low Dropout Linear Regulator anyCAP⑩ 50 mA Low Dropout Linear Regulator anyCAP 50 mA Low Dropout Linear Regulator anyCAP50 mA Low Dropout Linear Regulator AB 9C 1#12 8#16 SKT RECP Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:20-19 RoHS Compliant: No
|
AD[Analog Devices] Analog Devices, Inc.
|
LTC5562 |
LF?GHz Wideband Low Power Active Mixer
|
Linear Technology
|
ASL362-17 |
Wideband Linear Push-pull Amplifier MMIC
|
Advanced Semiconductor ...
|
THM2004J |
SiGe HBT MMIC Wideband Linear Amplifier
|
TACHYONICS[Tachyonics CO,. LTD]
|
CA2842C CA2842 |
22 dB 10-400 MHz 1.2 WATTS WIDEBAND LINEAR AMPLIFIER
|
MOTOROLA[Motorola, Inc]
|
CA2832C CA2832 |
35.5 dB 1-200 MHz 1.6 WATT WIDEBAND LINEAR AMPLIFIER
|
Motorola, Inc.
|
SG2001-3.0 SG2001-3.0XN5_TR SG2001-3.3 SG2001-3.3X |
150mA, Low Power, Low Noise Low Dropout, Linear Regulators
|
Shengbang Microelectronics Co, Ltd
|